PART |
Description |
Maker |
AD7891ACHIPS-2 AD7891ACHIPS-1 AD7891AP-1REEL AD789 |
LC MOS 8-Channel, 12-Bit High Speed Data Acquisition System True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System LC2MOS 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
AD7847ANZ AD7837 AD7837AN AD7847AQ |
LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDIP24 LC2MOS Complet, Dual 12-Bit MDACs LC MOS Complete, Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDACS
|
Analog Devices, Inc.
|
ADG408BN ADG409 ADG408 |
4-/8-Channel High Performance Analog Multiplexers(LC2MOS8???楂???芥ā???璺???ㄥ? LC2MOS 4-/8-Channel High Performance Analog Multiplexers LC2MOS 5 V 4 Channel High Performance Analog Multiplexer LC2MOS, 5 V, 8 Channel High Performance Analog Multiplexer
|
Analog Devices, Inc.
|
AD7847 AD7847AN AD7847AQ AD7847AR AD7847BN AD7847B |
LC2MOS Complete, Dual 12-Bit MDACs DUAL, PARALLEL, WORD INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Complete/ Dual 12-Bit MDACs LC2MOS Complete, Dual 12-Bit MDAC, Parallel Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure LC2MOS Complete, Dual 12-Bit MDAC, (8 4) Loading Structure
|
Analog Devices, Inc.
|
AD7672TE10 AD7672LN05 AD7672LN10 AD7672UQ05 AD7672 |
Reed Relay; Contacts:SPST; Contact Carry Current:1A; Coil Voltage DC Max:24V; Relay Terminals:Thru Hole; Switching Current Max:0.5A; Switching Voltage Max:200V; Contact Carrying Power:10W; Leaded Process Compatible:Yes RoHS Compliant: Yes LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, CQCC28 LC2MOS HIGH-SPEED 12-BIT ADC 2-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PQCC28
|
ANALOG DEVICES INC Analog Devices, Inc. AD[Analog Devices]
|
AD7885 |
LC2MOS 16-Bit High Speed Sampling ADCs
|
Analog Devices
|
AD7225 AD7225LN AD7225LR AD7225LP AD7225KN AD7225K |
ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 5 us SETTLING TIME, 8-BIT DAC, PDIP24 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQCC28 LC2MOS Quad 8-Bit DAC with Separate Reference Inputs PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PDSO24
|
Analog Devices, Inc.
|
AD7890 AD7890AN-10 AD7890AN-2 AD7890AN-4 AD7890AR- |
LC2MOS 8-Channel, 12-Bit Serial, Data Acquisition System
|
AD[Analog Devices]
|
ADG609BR-REEL ADG609BRUZ-REEL7 ADG608TRU-REEL ADG6 |
LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer; Package: SOIC; No of Pins: 16; Temperature Range: Industrial 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 LC2MOS, ± 5 V, 4-Channel High Performance Analog Multiplexer; Package: TSSOP; No of Pins: 16; Temperature Range: Industrial 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDSO16 8-CHANNEL, SGL ENDED MULTIPLEXER, PDSO16
|
Analog Devices, Inc. ANALOG DEVICES INC
|
AD7564BRS AD7564AR-B AD7564AR-BREEL AD7564 |
LC2MOS 3.3 V/ 5 V/ Low Power/ Quad 12-Bit DAC LC2MOS 3.3 V/ 5 V, Low Power, Quad 12-Bit DAC QUAD, SERIAL INPUT LOADING, 3.5 us SETTLING TIME, 12-BIT DAC, PDSO28 3.3 V/ 5 V, Low Power, Quad 12-Bit CMOS DAC
|
Analog Devices, Inc.
|
|